|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
multilayer ceramic capacitor x7r series/type: chip ordering code: b37 921... date: 2005-12-05 content of inside pages of data sheet. data will be automatically entered into headers and footers. please fill in the table and then change the colour to ?white?. this ensures that the table disappears for the customer pdf. identification/classification 1: (header 1) multilayer ceramic capacitor identification/classification 2: (header 2) highcv, x7r 1206 50 v ordering code: b37872k5105k0** series/type: chip preliminary data (optional): (if necessary) department: kb vs pe date: 25.10.2005 prepared by: mr. huainig release signed pe: dr. engel release signed qs: dr. slakhorst modifications/remarks: xx xx xx ? epcos ag 2005. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
2 2 2 12/05 05 features high volumetric efficiency non-linear capacitance change high insulation resistance high pulse strength applications blocking and coupling decoupling interference suppression termination for soldering: nickel-barrier termination (ni) for case sizes 0402 to 1210 silver-palladium termination (agpd) for case sizes 1812 and 2220 (capacitance values 1 f) for conductive adhesion: silver-palladium termination (agpd) for all case sizes on request options alternative capacitance tolerances available on request delivery mode cardboard and blister tape (blister tape for chip thickness 1.2 0.1 mm and case sizes 1210), 180-mm and 330-mm reel available bulk case for case sizes 0603 (16 v, 25 v, 50 v) and 0805 (50 v) electrical data temperature characteristic x7r climatic category (iec 60068-1) 55/125/56 standard eia dielectric class 2 rated voltage 1) v r 10, 16, 25, 50,100, 200, 500 vdc test voltage v test 2.5 v r /5 s vdc capacitance range 2) / e series c r 100 pf ? 1 f (e3/e6) max. relative capacitance change c/c 15 % dissipation factor (limit value) tan <25 10 ?3 <35 10 ?3 for 16 v insulation resistance 3) at + 25 cr ins >10 5 m insulation resistance 3) at +125 cr ins >10 4 m time constant 3) at + 25 c >1000 s time constant 3) at +125 c >100 s operating temperature range t op ?55 ? +125 c ageing 4) yes 1) note: no operation on ac line. 3) for c r >10 nf the time constant = c r ins is given. 2) see also highcap series in data book or internet 4) refer to data book 2003 ?general techn. inform.?, page 197. chip x7r multilayer ceramic capacitors please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors 3 12/05 x7r please read cautions and warnings and important notes at the end of this document. capacitance tolerances dimensional drawing dimensions (mm) tolerances to cecc 32101-801 code letter j k (standard) m to l e r an c e 5% 10% 20% case size (inch) (mm) 0402 1005 0603 1608 0805 2012 1206 3216 l 1.0 0.10 1.6 0.15 2.0 0.20 3.2 0.20 b0.5 0.05 0.8 0.10 1.25 0.15 1.6 0.15 s 0.5 0.05 0.8 0.10 1.35 max. 1.30 max. k 0.1 ?0.4 0.1 ?0.4 0.13 ?0.75 0.25 ?0.75 case size (inch) (mm) 1210 3225 1812 4532 2220 5750 l 3.2 0.30 4.5 0.30 5.7 0.40 b2.5 0.30 3.2 0.30 5.0 0.40 s 1.70 max. 1.30 max. 1.30 max. k 0.25 ?0.75 0.25 ?1.0 0.25 ?1.0 kke0329-n k s b k x7r multilayer ceramic capacitors 4 12/05 x7r please read cautions and warnings and important notes at the end of this document. recommended solder pad maximum dimensions (mm) termination case size (inch/mm) type a c d 0402/1005 single chip 0.6 1.7 0.6 0603/1608 single chip 1.0 3.0 1.0 0805/2012 single chip 1.2 3.4 1.3 1206/3216 single chip 1.2 4.5 1.8 1210/3225 single chip 1.2 4.5 2.8 1812/4532 single chip 1.5 6.0 3.6 2220/5750 single chip 1.5 7.2 5.5 kke0308-1 d a c bme: base metal electrode nme: noble metal electrode external electrode intermediate electrode substrate electrode inner electrode bme nme kke0485-5-e sn ni ag ni sn cu nme agpd ni bme ceramic body (nickel barrier) termination x7r multilayer ceramic capacitors 5 12/05 x7r please read cautions and warnings and important notes at the end of this document. product range chip capacitors x7r size 1) inch mm 0402 1005 0603 1608 type b37921 b37931 10 16 25 50 10 16 25 50 100 100 pf 150 pf 220 pf 330 pf 470 pf 680 pf 1.0 nf 1.5 nf 2.2 nf 3.3 nf 4.7 nf 6.8 nf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 2) 150 nf 220 nf 2) 2) 1) l b (inch) / l b (mm) 2) see highcv product range. v r (vdc) c r x7r multilayer ceramic capacitors 6 12/05 x7r please read cautions and warnings and important notes at the end of this document. product range chip capacitors x7r size 1) inch mm 0805 2012 1206 3216 type b37941 b37872 16 25 50 100 200 16 25 50 100 200 500 100 pf 220 pf 330 pf 470 pf 680 pf 820 pf 1.0 nf 1.5 nf 2.2 nf 3.3 nf 4.7 nf 6.8 nf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf 220 nf 2) 2) 2) 330 nf 2) 2) 470 nf 2) 2) 1.0 f 2) 2) 2) 2) 2) 2.2 f 2) 2) 1) l b (inch) / l b (mm) 2) see highcv product range. v r (vdc) c r x7r multilayer ceramic capacitors 7 12/05 x7r please read cautions and warnings and important notes at the end of this document. product range chip capacitors x7r size 1) inch mm 1210 3225 1812 4532 2220 5750 type b37950 b37953 b37956 25 50 100 200 500 50 50 1.0 nf 1.5 nf 2.2 nf 3.3 nf 3.9 nf 4.7 nf 6.8 nf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf 220 nf 330 nf 470 nf 1) l b (inch) / l b (mm) 2) see highcv product range. v r (vdc) c r x7r multilayer ceramic capacitors 8 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 10, 16, 25 and 50 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs./reel pcs./reel case size 0402, 10 vdc 33 , nf b37921k8333k0** 0.5 0.05 10000 50000 47 . nf b37921k8473k0** 0.5 0.05 10000 50000 case size 0402, 16 vdc 10 , nf b37921k9103k0** 0.5 0.05 10000 50000 22 . nf b37921k9223k0** 0.5 0.05 10000 50000 case size 0402, 25 vdc 4.7 nf b37921k0472k0** 0.5 0.05 10000 50000 6.8 nf b37921k0682k0** 0.5 0.05 10000 50000 case size 0402, 50 vdc 220 . pf b37921k5221k0** 0.5 0.05 10000 50000 470 . pf b37921k5471k0** 0.5 0.05 10000 50000 1.0 nf b37921k5102k0** 0.5 0.05 10000 50000 2.2 nf b37921k5222k0** 0.5 0.05 10000 50000 3.3 nf b37921k5332k0** 0.5 0.05 10000 50000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. ^ ^ x7r; 0402 multilayer ceramic capacitors 9 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 16 and 25 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel bulk case ** 60 ** 70 ** 01 c r 1) ordering code 2) mm pcs./reel pcs./reel pcs. case size 0603, 16 vdc 22 , nf b37931k9223k0** 0.8 0.1 4000 16000 15000 33 . nf b37931k9333k0** 0.8 0.1 4000 16000 15000 47 . nf b37931k9473k0** 0.8 0.1 4000 16000 15000 68 . nf b37931k9683k0** 0.8 0.1 4000 16000 15000 100 . nf b37931k9104k0** 0.8 0.1 4000 16000 15000 case size 0603, 25 vdc 10 . nf b37931k0103k0** 0.8 0.1 4000 16000 15000 15 . nf b37931k0153k0** 0.8 0.1 4000 16000 15000 22 . nf b37931k0223k0** 0.8 0.1 4000 16000 15000 33 . nf b37931k0333k0** 0.8 0.1 4000 16000 15000 47 . nf b37931k0473k0** 0.8 0.1 4000 16000 15000 68 . nf b37931k0683k0** 0.8 0.1 4000 16000 15000 100 . nf b37931k0104k0** 0.8 0.1 4000 16000 15000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. ^ ^ ^ x7r; 0603 multilayer ceramic capacitors 10 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 50 and 100 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel bulk case ** 60 ** 70 ** 01 c r 1) ordering code 2) mm pcs./reel pcs./reel pcs. case size 0603, 50 vdc 220 . pf b37931k5221k0** 0.8 0.1 4000 16000 15000 330 . pf b37931k5331k0** 0.8 0.1 4000 16000 15000 470 . pf b37931k5471k0** 0.8 0.1 4000 16000 15000 680 . pf b37931k5681k0** 0.8 0.1 4000 16000 15000 1.0 nf b37931k5102k0** 0.8 0.1 4000 16000 15000 1.5 nf b37931k5152k0** 0.8 0.1 4000 16000 15000 2.2 nf b37931k5222k0** 0.8 0.1 4000 16000 15000 3.3 nf b37931k5332k0** 0.8 0.1 4000 16000 15000 4.7 nf b37931k5472k0** 0.8 0.1 4000 16000 15000 6.8 nf b37931k5682k0** 0.8 0.1 4000 16000 15000 10 . nf b37931k5103k0** 0.8 0.1 4000 16000 15000 15 . nf b37931k5153k0** 0.8 0.1 4000 16000 15000 22 . nf b37931k5223k0** 0.8 0.1 4000 16000 15000 33 . nf b37931k5333k0** 0.8 0.1 4000 16000 15000 47 . nf b37931k5473k0** 0.8 0.1 4000 16000 15000 case size 0603, 100 vdc 100 . pf b37931k1101k0** 0.8 0.1 4000 16000 ? 150 . pf b37931k1151k0** 0.8 0.1 4000 16000 ? 220 . pf b37931k1221k0** 0.8 0.1 4000 16000 ? 330 . pf b37931k1331k0** 0.8 0.1 4000 16000 ? 470 . pf b37931k1471k0** 0.8 0.1 4000 16000 ? 680 . pf b37931k1681k0** 0.8 0.1 4000 16000 ? 1.0 nf b37931k1102k0** 0.8 0.1 4000 16000 ? 1.5 nf b37931k1152k0** 0.8 0.1 4000 16000 ? 2.2 nf b37931k1222k0** 0.8 0.1 4000 16000 ? 3.3 nf b37931k1332k0** 0.8 0.1 4000 16000 ? 4.7 nf b37931k1472k0** 0.8 0.1 4000 16000 ? 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. ^ ^ ^ x7r; 0603 multilayer ceramic capacitors 11 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 25 and 50 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel bulk case ** 60 ** 70 ** 01 c r 1) ordering code 2) mm pcs./reel pcs./reel pcs. case size 0805, 25 vdc 100 , nf b37941k0104k0** 1.25 0.1 3000 3) 12000 4) ? case size 0805, 50 vdc 470 . pf b37941k5471k0** 0.6 0.1 5000 20000 10000 680 . pf b37941k5681k0** 0.6 0.1 5000 20000 10000 1.0 nf b37941k5102k0** 0.6 0.1 5000 20000 10000 1.5 nf b37941k5152k0** 0.6 0.1 5000 20000 10000 2.2 nf b37941k5222k0** 0.6 0.1 5000 20000 10000 3.3 nf b37941k5332k0** 0.6 0.1 5000 20000 10000 4.7 nf b37941k5472k0** 0.6 0.1 5000 20000 10000 6.8 nf b37941k5682k0** 0.6 0.1 5000 20000 10000 10 . nf b37941k5103k0** 0.6 0.1 5000 20000 10000 15 . nf b37941k5153k0** 0.6 0.1 5000 20000 10000 22 . nf b37941k5223k0** 0.6 0.1 5000 20000 10000 33 . nf b37941k5333k0** 0.6 0.1 5000 20000 10000 47 . nf b37941k5473k0** 0.6 0.1 5000 20000 10000 68 . nf b37941k5683k0** 0.8 0.1 4000 16000 ? 68 . nf b37941k5683k0** 1.25 0.1 3000 3) 12000 4) ? 100 . nf b37941k5104k0** 0.8 0.1 4000 16000 ? 100 . nf b37941k5104k0** 1.25 0.1 3000 3) 12000 4) ? 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ ^ x7r; 0805 multilayer ceramic capacitors 12 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 100 and 200 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs./reel pcs./reel case size 0805, 100 vdc 470 . pf b37941k1471k0** 0.6 0.1 5000 20000 680 . pf b37941k1681k0** 0.6 0.1 5000 20000 1.0 nf b37941k1102k0** 0.6 0.1 5000 20000 1.5 nf b37941k1152k0** 0.6 0.1 5000 20000 2.2 nf b37941k1222k0** 0.6 0.1 5000 20000 3.3 nf b37941k1332k0** 0.6 0.1 5000 20000 4.7 nf b37941k1472k0** 0.6 0.1 5000 20000 6.8 nf b37941k1682k0** 0.6 0.1 5000 20000 10 . nf b37941k1103k0** 0.6 0.1 5000 20000 15 . nf b37941k1153k0** 0.6 0.1 5000 20000 22 . nf b37941k1223k0** 0.8 0.1 4000 16000 case size 0805, 200 vdc 220 . pf b37941k2221k0** 0.8 0.1 4000 16000 330 . pf b37941k2331k0** 0.8 0.1 4000 16000 470 . pf b37941k2471k0** 0.8 0.1 4000 16000 680 . pf b37941k2681k0** 0.8 0.1 4000 16000 1.0 nf b37941k2102k0** 0.8 0.1 4000 16000 1.5 nf b37941k2152k0** 0.8 0.1 4000 16000 2.2 nf b37941k2222k0** 0.8 0.1 4000 16000 3.3 nf b37941k2332k0** 0.8 0.1 4000 16000 4.7 nf b37941k2472k0** 1.2 0.1 3000 3) 12000 4) 6.8 nf b37941k2682k0** 1.2 0.1 3000 3) 12000 4) 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ x7r; 0805 multilayer ceramic capacitors 13 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 50 and 100 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs./reel pcs./reel case size 1206, 50 vdc 1.0 nf b37872k5102k0** 0.8 0.1 4000 16000 1.5 nf b37872k5152k0** 0.8 0.1 4000 16000 2.2 nf b37872k5222k0** 0.8 0.1 4000 16000 3.3 nf b37872k5332k0** 0.8 0.1 4000 16000 4.7 nf b37872k5472k0** 0.8 0.1 4000 16000 6.8 nf b37872k5682k0** 0.8 0.1 4000 16000 10 . nf b37872k5103k0** 0.8 0.1 4000 16000 15 . nf b37872k5153k0** 0.8 0.1 4000 16000 22 . nf b37872k5223k0** 0.8 0.1 4000 16000 33 . nf b37872k5333k0** 0.8 0.1 4000 16000 47 . nf b37872k5473k0** 0.8 0.1 4000 16000 68 . nf b37872k5683k0** 0.8 0.1 4000 16000 100 . nf b37872k5104k0** 0.8 0.1 4000 16000 220 . nf b37872k5224k0** 1.2 0.1 3000 3) 12000 4) 330 . nf b37872k5334k0** 1.2 0.1 3000 3) 12000 4) 470 . nf b37872k5474k0** 1.2 0.1 3000 3) 12000 4) case size 1206, 100 vdc 1.0 nf b37872k1102k0** 0.8 0.1 4000 16000 1.5 nf b37872k1152k0** 0.8 0.1 4000 16000 2.2 nf b37872k1222k0** 0.8 0.1 4000 16000 3.3 nf b37872k1332k0** 0.8 0.1 4000 16000 4.7 nf b37872k1472k0** 0.8 0.1 4000 16000 6.8 nf b37872k1682k0** 0.8 0.1 4000 16000 10 . nf b37872k1103k0** 0.8 0.1 4000 16000 15 . nf b37872k1153k0** 0.8 0.1 4000 16000 22 . nf b37872k1223k0** 0.8 0.1 4000 16000 33 . nf b37872k1333k0** 0.8 0.1 4000 16000 47 . nf b37872k1473k0** 0.8 0.1 4000 16000 68 . nf b37872k1683k0** 1.2 0.1 3000 3) 12000 4) 100 . nf b37872k1104k0** 1.2 0.1 3000 3) 12000 4) 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ x7r; 1206 multilayer ceramic capacitors 14 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 200 and 500 vdc, nickel-barrier terminations chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs./reel pcs./reel case size 1206, 200 vdc 820 . pf b37872k2821k0** 0.8 0.1 4000 16000 1.0 nf b37872k2102k0** 0.8 0.1 4000 16000 1.5 nf b37872k2152k0** 0.8 0.1 4000 16000 2.2 nf b37872k2222k0** 0.8 0.1 4000 16000 3.3 nf b37872k2332k0** 0.8 0.1 4000 16000 4.7 nf b37872k2472k0** 0.8 0.1 4000 16000 6.8 nf b37872k2682k0** 0.8 0.1 4000 16000 10 . nf b37872k2103k0** 0.8 0.1 4000 16000 15 . nf b37872k2153k0** 1.2 0.1 3000 3) 12000 4) 22 . nf b37872k2223k0** 1.2 0.1 3000 3) 12000 4) case size 1206, 500 vdc 470 . pf b37872k3471k0** 0.8 0.1 4000 16000 680 . pf b37872k3681k0** 0.8 0.1 4000 16000 1.0 nf b37872k3102k0** 0.8 0.1 4000 16000 1.5 nf b37872k3152k0** 0.8 0.1 4000 16000 2.2 nf b37872k3222k0** 0.8 0.1 4000 16000 3.3 nf b37872k3332k0** 1.2 0.1 3000 3) 12000 4) 4.7 nf b37872k3472k0** 1.2 0.1 3000 3) 12000 4) 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ x7r; 1206 multilayer ceramic capacitors 15 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 50, 100, 200 and 500 vdc, nickel-barrier terminations chip thickness blister tape, ? 180-mm reel blister tape, ? 330-mm reel ** 62 ** 72 c r 1) ordering code 2) mm pcs./reel pcs./reel case size 1210, 50 vdc 10 . nf b37950k5103k0** 0.8 0.1 4000 16000 22 . nf b37950k5223k0** 0.8 0.1 4000 16000 47 . nf b37950k5473k0** 0.8 0.1 4000 16000 100 . nf b37950k5104k0** 0.8 0.1 4000 16000 220 . nf b37950k5224k0** 1.2 0.1 3000 12000 470 . nf b37950k5474k0** 1.2 0.1 3000 12000 case size 1210, 100 vdc 10 , nf b37950k1103k0** 0.8 0.1 4000 16000 15 . nf b37950k1153k0** 0.8 0.1 4000 16000 22 . nf b37950k1223k0** 0.8 0.1 4000 16000 33 . nf b37950k1333k0** 0.8 0.1 4000 16000 47 . nf b37950k1473k0** 0.8 0.1 4000 16000 68 . nf b37950k1683k0** 0.8 0.1 4000 16000 100 . nf b37950k1104k0** 0.8 0.1 4000 16000 150 . nf b37950k1154k0** 1.2 0.1 3000 12000 case size 1210, 200 vdc 3.9 nf b37950k2392k0** 0.8 0.1 4000 16000 4.7 nf b37950k2472k0** 0.8 0.1 4000 16000 6.8 nf b37950k2682k0** 0.8 0.1 4000 16000 10 . nf b37950k2103k0** 0.8 0.1 4000 16000 15 . nf b37950k2153k0** 0.8 0.1 4000 16000 22 . nf b37950k2223k0** 1.2 0.1 3000 12000 33 . nf b37950k2333k0** 1.2 0.1 3000 12000 47 . nf b37950k2473k0** 1.6 0.1 2000 8000 case size 1210, 500 vdc 1.0 nf b37950k3102k0** 0.8 0.1 4000 16000 1.5 nf b37950k3152k0** 0.8 0.1 4000 16000 2.2 nf b37950k3222k0** 0.8 0.1 4000 16000 3.3 nf b37950k3332k0** 0.8 0.1 4000 16000 4.7 nf b37950k3472k0** 1.2 0.1 3000 12000 6.8 nf b37950k3682k0** 1.2 0.1 3000 12000 10 . nf b37950k3103k0** 1.6 0.1 2000 8000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. ^ ^ x7r; 1210 multilayer ceramic capacitors 16 12/05 x7r please read cautions and warnings and important notes at the end of this document. ordering codes and packing for x7r, 50 vdc, silver-palladium terminations chip thickness blister tape, ? 180-mm reel blister tape, ? 330-mm reel ** 62 ** 72 c r 1) ordering code 2) mm pcs./reel pcs./reel case size 1812, 50 vdc 100 . nf b37953j5104k0** 1.2 0.1 1500 5000 220 . nf b37953j5224k0** 1.2 0.1 1500 5000 470 . nf b37953j5474k0** 1.2 0.1 1500 5000 case size 2220, 50 vdc 470 . nf b37956j5474k0** 1.2 0.1 1500 5000 1.0 f b37956j5105k0** 1.2 0.1 1500 5000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 3. ^ ^ x7r; 1812 and 2220 multilayer ceramic capacitors 17 12/05 x7r please read cautions and warnings and important notes at the end of this document. typical characteristics capacitance change c/c 25 versus temperature t capacitance change c/c 0 versus superimposed dc voltage v impedance | z | versus frequency f dissipation factor tan versus temperature t kke0186-u c 25 t c 0 20 40 60 80 100 ?c 140 0 % 20 10 _ 20 _ 30 _ 40 _ 50 _ 60 _ 70 _ 80 _ 60 _ 40 _ 20 _ kke0189-j t tan 0 20 40 60 80 100 ?c 140 60 _ 40 _ 20 _ 1 10 _ 10 _ 2 10 _ 3 x7r multilayer ceramic capacitors 18 12/05 x7r please read cautions and warnings and important notes at the end of this document. further information please see general technical informati on at www.epcos.com/ceramic_capacitors or the data book ?multilayer ceramic capacitors? for further information on: soldering directions taping and packing surface mounting instructions effects of mechanical stress cautions and warnings derating: a ?state of the art? application design is essential to achieve failures rates at ppb level. do not use designs based on 100% of specified rated values. ac applications may damage mlsc on a much lower level than dc voltage due to power dissi- pation losses. mechanical stress - please note epcos ?general technical information?, ?surface mounting in- structions? and information about the effect of mechanical stress. esd - epcos recommends the use of varistors. further processing - care must be taken using moulding processes. combined stresses - the total stress (e.g. dc voltage, ac ripple, pulses and temperature) has to be taken into account to estimate reliability of mlsc. typical characteristics insulation resistance r ins versus temperature t capacitance change c/c 1 versus time t kke0190-m 0 t ins ?c 8 10 10 6 10 5 10 4 10 3 10 2 m r 20 40 60 80 100 140 kke0191-v t 10 0 1 10 2 10 3 10 h c 1 c 0 % 10 5 _ 10 _ 15 _ 20 _ x7r important notes page 19 of 19 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suit ability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitabili ty of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual cu stomer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual servi ce life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product-s pecific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as ?hazardous?) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still appl icable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, ceradiode, cssp, phasecap, phasemod, sifi, sikorel, silvercap, simid, siov, sip5d, sip5k, topcap, ultracap, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. |
Price & Availability of B37941K5104K060 |